PART |
Description |
Maker |
MC33071 MC33074 MC34072 MC34074 MC33072 MC3407A MC |
Single Supply 3.0 V to 44 V Operational Amplifiers Single Supply 3V to 44V, Single Operational Amplifier Single Supply 3V to 44V, Quad Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Dual Op Amp Single Supply 3V to 44V, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Quad Op Amp
|
ONSEMI[ON Semiconductor]
|
ISL84517IH-T ISL84517IB-T ISL84517IB ISL84517 ISL8 |
GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT RED 512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,双电源,聚苯乙烯,模拟开 Low-Voltage Dual Supply SPST Analog Switches Low-Voltage, Dual Supply, SPST, Analog Switches Low-Voltage/ Dual Supply/ SPST/ Analog Switches Analog Switch, SPST, Single, NClosed, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply Analog Switch, SPST, Single, NOpen, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DB101 DB102 |
:6.3A; Supply Voltage Max:76V; Supply Voltage Min:36V; Package/Case:Half Brick SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
|
Bytes
|
MAX5236 MAX5237 MAX5236-MAX5237 MAX5237EUB MAX5236 |
"Single-Supply 3V/5V, Voltage- Output, Dual, Precision 10-Bit DACs" Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs 单电3V/5V,电压输出,双路,精0位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
RG10 |
SUPER FAST RECTIFIER DIODES ; Peak Continuous Isolation Voltage:5000V; Single Supply Voltage Min ( V):8V
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HDM8515P |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:4; Package/Case:14-DIP; Op Amp Type:Low Power; Single Supply Voltage Min ( V):3V; Dual Supply Voltage Max ( /- V):16V; Amplifier Type:Operational; Mounting Type:Through Hole 的DVB /决策支持系统兼容接收
|
Hynix Semiconductor, Inc.
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
TC4626 TC4626EOE TC4626EPA TC4627 TC4627COE TC4627 |
Power CMOS Drivers With Voltage Tripler The TC4626/4627 are single CMOS high speed drivers with an on-board voltage boost circuit. These parts work with an input supply voltage from 4 to 6 volts. The internal voltage booster will produce a VBOOST potential up to 12 volts above V
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
ISL54054 ISL54054IRUZ-T ISL54055 ISL54055IRUZ-T |
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
|
Intersil Corporation
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
|